Part Number Hot Search : 
ASL52D6 DS128 124N25 FR107 XC2385A BR102 4HCT04 XC2385A
Product Description
Full Text Search
 

To Download NTE5232A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE5174A thru NTE5232A Zener Diode, 10 Watt 5% Tolerance
Features: D Zener Voltage 3.9V to 200V D DO4 Stud Mount Package Absolute Maximum Ratings: Forward Voltage (IF = 2A), VF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V DC Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10W Derate Above 50C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80mW/C Operating Junction Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +175C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +175C Electrical Characteristics: (TC = +30C, unless otherwise specified)
Nominal Zener Voltage Vz @ Izt (Note 2) Volts 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 Zener Test Current (Izt) mA 640 580 530 490 445 425 405 370 335 305 Maximum Dynamic Impedance (Note 3) Zzt @ Izt Ohms 2.0 1.5 1.2 1.1 1.0 1.0 1.1 1.2 1.3 1.5 Zzk @ 1mA (Izk) Ohms 400 400 500 550 600 675 750 500 250 250 Maximum DC Zener Current* (Izm) (Note 4) mA 2380 2130 1940 1780 1620 1540 1460 1330 1180 1040 Typical Temperature Coefficient vz %/C -.046 -.033 -.015 .010 +.030 +.035 +.049 +.040 .045 .048 Maximum Leakage Current IR @ VR A Volts 100 100 50 10 10 10 10 10 100 50 0.5 0.5 1.0 1.0 1.0 1.5 2.0 2.0 5.7 6.2
NTE Type Number (Note 1) NTE5174A NTE5175A NTE5176A NTE5177A NTE5178A NTE5179A NTE5180A NTE5181A NTE5182A NTE5183A
* Stud Temperature = +75C
Electrical Characteristics (Cont'd): (TC = +30C, unless otherwise specified)
Nominal Zener Voltage Vz @ Izt (Note 2) Volts 8.7 Zener Test Current (Izt) mA 290 Maximum Dynamic Impedance (Note 3) Zzt @ Izt Ohms 1.7 Zzk @ 1mA (Izk) Ohms 250 Maximum DC Zener Current* (Izm) (Note 4) mA 1000 Typical Temperature Coefficient vz %/C .049 Maximum Leakage Current IR @ VR A Volts 37 6.6
NTE Type Number (Note 1) NTE5184A
NTE5185A NTE5186A NTE5187A NTE5188A NTE5189A NTE5190A NTE5191A NTE5192A NTE5193A NTE5194A NTE5195A NTE5196A NTE5197A NTE5198A NTE5199A NTE5200A NTE5201A NTE5202A NTE5203A NTE5204A NTE5205A NTE5206A NTE5207A NTE5208A NTE5209A NTE5210A NTE5211A NTE5212A NTE5213A NTE5214A
9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 45 47 50 51 52 56 60 62
275 250 230 210 190 180 170 155 145 140 130 125 115 105 100 95 90 85 75 70 65 60 55 55 50 50 50 45 43 40
2 3 3 3 3 3 3 4 4 4 4 4 5 5 6 7 7.5 8 9 10 11 12 13 14 15 15 15 16 16 17
250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 275 300 300 300 300 400 400 400 500 500 500 500 550 600
720 860 780 720 660 600 560 530 500 460 440 420 380 350 310 300 290 280 260 230 210 195 185 175 165 160 160 150 140 130
.051 .055 .060 .065 .065 .070 .070 .070 .075 .075 .075 .075 .080 .080 .080 .085 .085 .085 .085 .085 .090 .090 .090 .090 .090 .090 .090 .090 .090 .090
25 25 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
6.9 7.6 8.4 9.1 9.9 10.5 11.4 12.2 13.0 13.7 14.0 15.2 16.7 18.2 18.2 20.6 21.7 22.8 25.1 27.4 29.7 32.7 33.0 35.8 36.0 38.8 39.0 42.6 44.8 47.1
* Stud Temperature = +75C
Electrical Characteristics (Cont'd): (TC = +30C, unless otherwise specified)
Nominal Zener Voltage Vz @ Izt (Note 2) Volts Zener Test Current (Izt) mA Maximum Dynamic Impedance (Note 3) Zzt @ Izt Ohms Zzk @ 1mA (Izk) Ohms Maximum DC Zener Current* (Izm) (Note 4) mA Typical Temperature Coefficient vz %/C Maximum Leakage Current IR @ VR A Volts
NTE Type Number (Note 1)
NTE5215A NTE5216A NTE5217A NTE5218A NTE5219A NTE5220A NTE5221A NTE5222A NTE5223A NTE5224A NTE5225A NTE5226A NTE5227A NTE5228A NTE5229A NTE5230A NTE5231A NTE5232A
68 75 82 87 91 100 105 110 120 130 140 150 160 170 175 180 190 200
37 33 30 29 28 25 25 23 20 19 18 17 16 15 14 14 13 12
18 22 25 30 35 40 45 55 75 100 125 175 200 225 250 260 280 300
600 600 700 750 800 900 1000 1100 1200 1300 1400 1500 1600 1675 1750 1850 1925 2000
120 110 100 93 85 80 75 72 67 62 58 54 50 48 46 45 43 40
.090 .090 .090 .090 .090 .090 .095 .095 .095 .095 .095 .095 .095 .095 .095 .095 .097 .100
10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
51.7 56.0 62.2 65.7 69.2 76.0 76.0 83.6 91.2 98.8 100.0 114.0 121.6 128.3 135.0 136.8 144.4 152.0
* Stud Temperature = +75C Note 1. The NTE type 10W Zener Diodes listed have Anode (Standard Polarity) connected to stud. Add suffix letter "K" to the device number for Cathode (Reverse Polarity) connected to stud (i. e. NTE5174AK). Note 2. The electrical characteristics are measured after allowing the device to stabilize for 90 seconds with +30C base temperature. Note 3. The zener impedance (Zzt) is derived from the 60Hz AC voltage, which results when an AC current having an RMS value equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK. When making zener impedance measurements at the IZK test point, it may be necessary to insert a 60Hz band pass filter between the diode and voltmeter to avoid errors resulting from low level noise signals. Note 4. These values of IZM may be exceeded in the case of individual diodes. The values shown are calculated for the worst case which is a unit of 5% tolerance at the high voltage and of its tolerance range. Allowance has also been made for the rise in zener voltage above VZT, which results from zener impedance and the increase in junction temperature as power dissipation approaches 10 watts.
.437 (11.1) Max
.250 (6.35) Max .060 (1.52) Dia Min .175 (4.45) Max
10-32 NF-2A
.424 (10.8) Dia Max
.405 (10.3) Max 1.250 (31.75) Max
.453 (11.5) Max


▲Up To Search▲   

 
Price & Availability of NTE5232A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X